Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM72016 Datasheet(PDF) 19 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 19 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 15Page - Ramtron International Corporation WM72016 Datasheet HTML 16Page - Ramtron International Corporation WM72016 Datasheet HTML 17Page - Ramtron International Corporation WM72016 Datasheet HTML 18Page - Ramtron International Corporation WM72016 Datasheet HTML 19Page - Ramtron International Corporation WM72016 Datasheet HTML 20Page - Ramtron International Corporation WM72016 Datasheet HTML 21Page - Ramtron International Corporation WM72016 Datasheet HTML 22Page - Ramtron International Corporation WM72016 Datasheet HTML 23Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 19 of 32
DUAL SERIAL PERIPHERAL INTERFACE (DSPI)
The WM72016 employs a dual serial peripheral interface (DSPI) bus providing a serial communication port to
a host microcontroller for the purpose of directly reading and writing memory. The interface uses four pins as
shown in Table 7.
Table 7: DSPI Interface
Signal Name
Direction
Description
CS
INPUT/OUTPUT
Chip Select
D1
INPUT/OUTPUT
Data bit 1
D0
INPUT/OUTPUT
Data bit 0
CLK
INPUT
Clock
A single DSPI access cycle is composed of a 16-bit instruction word and a 16-bit data word as shown in Figure
20. A DSPI read/write cycle is initiated by asserting CS high followed by 16 clock cycles. The host drives the
first set of 8 clock cycles to write 2 data bytes comprising an instruction word – the second set of 8 clock
cycles are required for the 16-bit data word. Command and data bits are interleaved across two DSPI data
signals in such a manner that odd numbered bits are driven on one data signal while even numbered bits are
driven on the other data signal as shown in section DSPI Serial Port Timing. This results in a 16-bit word
transfer on the D0 and D1 signals every 8 clock cycles.
INSTR_WORD
INSTR_WORD
DATA_WORD
DATA_WORD
CS
CLK
D0
D1
Figure 20. DSPI Cycle
WRITE CYCLES
DSPI write cycles are detailed in the DSPI Serial Port Timing section. The host microcontroller drives all four
DSPI signals for the duration of the cycle. The WM72016 uses the rising edge of CLK to shift in the 2 data
bits presented on the D1 and D0 signals. The host microcontroller shall obey the timing constraints detailed in
Table 10.
The host microcontroller asserts the 2 data bits prior to the rising edge of CLK.
The host
microcontroller shifts the instruction word with the first set of 8 CLK cycles and shifts the data word on the
second set of 8 CLK cycles. The write cycle is terminated by clearing the CS signal.
READ CYCLES
SPI read cycles are detailed in the DSPI Serial Port Timing section. The host microcontroller shall transmit the
instruction word in the same manner as done for DSPI write cycles. The WM72016 uses the rising edge of
CLK to shift in the 2 data bits presented on the D1 and D0 signals. Once the instruction word has been
completely transmitted and the CLK signal has been cleared to a logic zero, the host shall tri-state the D1 and
D0 signals allowing the WM72016 to drive the data bits for the remainder of the read cycle. The WM72016
shall shift a pair of data bits on D1 and D0 on the rising edge of CLK – the host shall use the falling edge of
CLK to capture the data pair into its shift register. The host shall transmit a total of 8 CLK cycles to receive
the entire data word, after which it clears the CS to a logic zero to terminate the read cycle.
The syntax of the instruction word is detailed in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com