Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4134 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4134
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4134 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4134 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4134 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4134 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4134 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4134 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
No.2510-4/5
2SA1592/2SC4134
2
7
5
3
2
7
5
3
--100
--1000
2
73
5
2
72
3
5
7
--0.01
--0.1
--1.0
ITR04005
ITR04003
VCE(sat) -- IC
VBE(sat) -- IC
2SA1592
IC / IB=10
--25
°C
25°
C
Ta=75
°C
3
5
5
3
2
7
7
--1.0
--10
2
73
5
7
2
2
35
7
--0.01
--0.1
--1.0
2SA1592
IC / IB=10
75°C
25
°C
Ta=--25°C
ITR04004
VBE(sat) -- IC
3
5
5
3
2
7
7
1.0
10
2
73
5
7
2
2
35
7
0.01
0.1
1.0
2SC4134
IC / IB=10
75°C
25
°C
Ta=--25°C
2
7
5
3
2
7
5
3
100
1000
2
73
5
2
72
3
5
7
0.01
0.1
1.0
ITR04006
VCE(sat) -- IC
2SC4134
IC / IB=10
25°
C
Ta=75
°C
--25
°C
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
A S O
1.0
0.1
0.01
7
5
3
2
7
5
7
5
3
2
3
2
1.0
10
57
2
3
5
7
100
22
35
7
0
12
10
8
6
0.8
4
2
20
060
40
80
100
140
120
160
PC -- Ta
2SA1592 / 2SC4134
No heat sink
f T -- IC
100
10
0.01
0.1
3
2
2
7
5
3
27
35
27
73
5
1.0
2SA1592 / 2SC4134
VCE=10V
ITR04007
ITR04010
ITR04009
DC
operation
Ta=25
°C
ICP=2.0A
IC=1.0A
1ms
2SA1592 / 2SC4134
Tc=25
°C
Single pulse
(For PNP, minus sign is omitted.)
2SA1592
2SC4134
Cob -- VCB
100
10
1.0
10
2
7
5
3
2
7
5
3
22
7
35
27
73
5
100
2SA1592 / 2SC4134
f=1kHz
ITR04008
2SA1592
2SC4134
10ms
Collector Current, IC –A
Collector-to-Base Voltage, VCB -- V
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
Ambient Temperature, Ta – ˚C
Collector-to-Emitter Voltage, VCE –V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com