Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBF10 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DBF10
Description  1.0A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBF10 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DBF10 Datasheet HTML 1Page - Sanyo Semicon Device DBF10 Datasheet HTML 2Page - Sanyo Semicon Device DBF10 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DBF10
No.2948-2/3
Package Dimensions
Electrical Connection
unit : mm
1210B
4.0
4.0
4.0
0.8
15.6
3.4
0.5
0.9
Number of Cycles at 50Hz, n
IFSM -- n
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
1.0
0.8
1.4
1.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
20
15
25
35
30
Ambient Temperature, Ta --
°C
IO -- Ta
0.1
1.0
10
5
7
2
3
5
7
2
3
Forward Voltage, VF -- V
IF -- VF
ID01207
ID01209
ID01208
1.0
10
25
37
2
5
37
2
100
Resistive, inductive load
Capacitive
load
Mounted on a PCB
Lead length 10mm
50Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com