Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3254 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3254
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3254 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3254 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3254 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3254
DESCRIPTION
·Low Collector Saturation Voltage
·Good Linearity of hFE
·High Switching Speed
·Complement to Type 2SA1290
APPLICATIONS
·Various inductance lamp drivers for electrical equipment
·Inverters, converters
·Power amplifier
·Switching regulator, dirver
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
7
A
ICM
Collector Current-Pulse
10
A
PC
Collector Power Dissipation
@ TC=25℃
35
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Website:www.iscsemi.cn


Similar Part No. - 2SC3254

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3254 SANYO-2SC3254 Datasheet
100Kb / 3P
60V/7A High-Speed Switching Applications
logo
Savantic, Inc.
2SC3254 SAVANTIC-2SC3254 Datasheet
137Kb / 4P
Silicon NPN Power Transistors
2SC3254 SAVANTIC-2SC3254 Datasheet
139Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC3254 NJSEMI-2SC3254 Datasheet
128Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3254

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com