Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6261 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA6261
Description  For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6261 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA6261_07 Datasheet HTML 1Page - Sanyo Semicon Device LA6261_07 Datasheet HTML 2Page - Sanyo Semicon Device LA6261_07 Datasheet HTML 3Page - Sanyo Semicon Device LA6261_07 Datasheet HTML 4Page - Sanyo Semicon Device LA6261_07 Datasheet HTML 5Page - Sanyo Semicon Device LA6261_07 Datasheet HTML 6Page - Sanyo Semicon Device LA6261_07 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA6261
No.7815-2/7
Electrical Characteristics at Ta = 25
°C, VCC1 = VCC2 = 8V, VREF = 1.65V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
All Blocks
No-load current drain ON
ICC-ON
All outputs on *1, FWD=REV=0V
30
50
mA
VREF input voltage range
VREF-IN
0.5
VCC-1.5
V
BTL AMP
Output offset voltage
VOFF
BTL amplifier, the voltage difference between
each channel outputs
-50
+50
mV
Input voltage range
VIN
Applied to pins VIN1 to VIN4
0
VCC
V
Output voltage
VO
Voltage between VO+ and VO- for each
channel when RL=8Ω *2
45
V
Closed-circuit voltage gain
VG
The gain from the input to the output
4
deg
MUTE ON voltage
VMTON
*3
2
SVCC
V
MUTE OFF voltage
VMTOFF
*3
0
0.5
V
Slew rate
SR
For the independent amplifier.
Times 2 when between outputs *4
0.5
V/
µs
H-bridge Block
Output voltage
VO-LOAD
Voltage between VO+ and VO- for each
channel when RL=10Ω
6.2
6.7
V
Input low level
VIN-L
0
1
V
Input high level
VIN-H
2
SVCC
V
Output setting voltage
VCONT
Voltage between VO+ and VO- for each
channel when VCONT=3V and RL=10Ω
2.8
V
Regulator Block
Output voltage
Vreg
IL=100mA
3.05
3.3
3.55
V
Output load variation
∆VRL
IL=0 to 200mA
-50
0
10
mV
Supply voltage variation
∆VVCC
VCC=6 to 12V, IL=100mA
-15
21
60
mV
*1: The total current dissipation for SVCC, PVCC1, and PVCC2 with no load
*2: Output in the saturated state
*3: When the MUTE pin is high, the BTL output will be on, and when low, the BTL output will be OFF
(HI impedance).
*4: Design guarantee value
Package Dimensions
unit : mm (typ)
3251
SANYO : HSOP36R(375mil)
(6.2)
36
1
19
18
0.8
2.0
17.8
0.3
2.7
0.25
(0.5)
--30
0
100
0
3.0
2.5
ILA06754
20
40
60
80
1.5
1.0
0.5
0.8
2.0
0.42
1.04
Ambient temperature, Ta -
°C
Pd max - Ta
Independent IC
Mounted on a specified board
Mounted on a Specified board :
76.1mm
×114.3mm×1.6mm, glass epoxy



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com