Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS704EG Datasheet(PDF) 26 Page - Power Integrations, Inc.

Part # PFS704EG
Description  High Power PFC Controller with Integrated High-Voltage MOSFET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS704EG Datasheet(HTML) 26 Page - Power Integrations, Inc.

Back Button PFS704EG Datasheet HTML 22Page - Power Integrations, Inc. PFS704EG Datasheet HTML 23Page - Power Integrations, Inc. PFS704EG Datasheet HTML 24Page - Power Integrations, Inc. PFS704EG Datasheet HTML 25Page - Power Integrations, Inc. PFS704EG Datasheet HTML 26Page - Power Integrations, Inc. PFS704EG Datasheet HTML 27Page - Power Integrations, Inc. PFS704EG Datasheet HTML 28Page - Power Integrations, Inc. PFS704EG Datasheet HTML 29Page - Power Integrations, Inc. PFS704EG Datasheet HTML 30Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Rev. D 12/11
26
PFS704-729EG
www.powerint.com
Typical Performance Characteristics
0 PFS704
PFS723
PFS706
PFS724
PFS708
PFS725
PFS710
PFS726
PFS712
PFS727
PFS714
PFS728
PFS716
PFS729
3
2.5
2
1.5
1
0.5
0
Figure 20. Thermal Resistance (q
JC ).
Figure 21. Typical Characteristic: VOLTAGE MONITOR Pin Voltage vs. Current.
Figure 22. Typical Characteristic: FEEDBACK Pin Current vs. Voltage.
0
50
100
150
200
250
300
VOLTAGE MONITOR Pin Current (
µA)
7
6
5
3
4
2
1
0
0
3
2
1
4
5
7
6
8
9
10
11
12
13
14
FEEDBACK Pin Voltage (V)
20
15
5
10
0
-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com