Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV13 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYV13
Description  Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV13 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYV13 Datasheet HTML 1Page - Vishay Siliconix BYV13 Datasheet HTML 2Page - Vishay Siliconix BYV13 Datasheet HTML 3Page - Vishay Siliconix BYV13 Datasheet HTML 4Page - Vishay Siliconix BYV13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86039
126
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.7, 30-Jul-10
BYV12, BYV13, BYV14, BYV15, BYV16
Vishay Semiconductors
Fast Avalanche Sinterglass Diode
Fig. 5 - Reverse Current vs. Junction Temperature
Fig. 6 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 7 - Diode Capacitance vs. Reverse Voltage
Fig. 8 - Thermal Response
1
10
100
1000
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
16377
V
R = VRRM
0
50
250
100
300
150
350
200
400
450
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
16378
P
R-Limit
at 100 % V
R
P
R-Limit
at 80 % V
R
V
R = VRRM
0
5
10
15
20
30
25
35
40
0.1
1
10
100
VR - Reverse Voltage (V)
16379
f = 1 MHz
1
10
100
1000
10
-5
10
1
10
0
10
1
10
0
10
-1
10
-2
10
-3
10
-4
tp - Pulse Length (s)IFRM - Repetitive Peak
Forward Current (A)
949522
V
RRM = 1000 V
R
thJA = 100 K/W
T
amb = 25 °C
45 °C
50 °C
70 °C
100 °C
Single pulse
t
p/T = 0.5
0.2
0.02
0.01
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com