Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA59700MX Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA59700MX
Description  Adjustable Voltage Type Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA59700MX Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA59700MX Datasheet HTML 1Page - Sanyo Semicon Device LA59700MX Datasheet HTML 2Page - Sanyo Semicon Device LA59700MX Datasheet HTML 3Page - Sanyo Semicon Device LA59700MX Datasheet HTML 4Page - Sanyo Semicon Device LA59700MX Datasheet HTML 5Page - Sanyo Semicon Device LA59700MX Datasheet HTML 6Page - Sanyo Semicon Device LA59700MX Datasheet HTML 7Page - Sanyo Semicon Device LA59700MX Datasheet HTML 8Page - Sanyo Semicon Device LA59700MX Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LA59700MX
No.A1415-2/9
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input Voltage (VCC1)
VCC1
3.5 to 15
V
Input Voltage (VCC2)
VCC2
*2 (VOUT+VDROP) to 15
V
Input Voltage(EN)
VEN
0 to 15
V
Output Voltage
VOUT
1.5 to (VCC1-1.5)
V
*2. VDROP: Dropout voltage
Electrical Characteristics at Ta
= 25°C, VCC1 = VCC2 = 3.5V, VEN = 1.6V, VOUT = 1.5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
ICC
VEN = 1.6V
3.5
7
mA
Standby current
ISTBY
VEN = 0V
1
µA
Output voltage
VOUT
OUT = ADJ, IOUT = 10mA,
1.225
1.25
1.275
V
Output current
IOUT
1.0
A
IOUT = 500mA
0.42
0.6
V
Dropout voltage
(VCC2-VOUT)
VDROP
IOUT = 1.0A
0.84
1.2
V
ADJ source current
IADJ
ADJ = 0V, OUT = Open
160
300
nA
Load regulation
RLD
IOUT = 10mA to 500mA
10
mV
Line regulation
RLN
VCC1 = VCC2 = 3.5V to 7V, IOUT = 10mA
10
mV
Output voltage temperature
coefficient *3
∆V / ∆T
Ta = -40 to +85
°C, IOUT = 10mA
±100
ppm/
°C
Ripple rejection *3
RR
VCC1 = VCC2 = 4.25V, OUT = ADJ,
IOUT = 10mA, VRpp = 1V, fRR = 120Hz
COUT = Ceramic 10µF
65
dB
Chip enable voltage
VEN
1.6
V
Disable voltage
VDIS
0.4
V
EN input current
IEN
VEN = 1.6V
50
µA
Thermal shutdown temperature *3
TTSD
Junction Temperature
170
°C
TSD hysteresis *3
THYS
30
°C
*3. Design guarantee value, Do not measurement.
Package Dimensions
unit : mm (typ)
3372
SANYO : MFP8(200mil)
5.0
12
8
0.15
0.35
1.27
(0.65)
(3.4)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
-40
0
20
40
60
80
100
0
2.5
2.0
1.5
1.0
0.5
Pd max -- Ta
-20
1.8
0.94
85
Ambient temperature, Ta --
°C
Specified board: 50
×50×1.6mm3
glass epoxy duble side board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com