Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA74308LP Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA74308LP
Description  Audio Interface for DSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74308LP Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA74308LP Datasheet HTML 1Page - Sanyo Semicon Device LA74308LP Datasheet HTML 2Page - Sanyo Semicon Device LA74308LP Datasheet HTML 3Page - Sanyo Semicon Device LA74308LP Datasheet HTML 4Page - Sanyo Semicon Device LA74308LP Datasheet HTML 5Page - Sanyo Semicon Device LA74308LP Datasheet HTML 6Page - Sanyo Semicon Device LA74308LP Datasheet HTML 7Page - Sanyo Semicon Device LA74308LP Datasheet HTML 8Page - Sanyo Semicon Device LA74308LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LA74308LP
No.A0898-4/16
Description of the Content of Serial Communication
DATA No.
Parameter
Default
LSB
0
LINE MUTE Tr.
0:OFF, 1:ON
1
1
VREF capacitance charging circuit SW
0:OFF, 1:ON
1
2
MIC AMP POWER SW
0:ON, 1:OFF
1
3
ALC AMP POWER SW
0:ON, 1:OFF
1
4
REC/PB changeover SW
0:PB, 1:REC
0
5
LPF characteristics (TRAP) changeover SW
0:16kHz, 1:8kHz
1
6
REC AMP POWER SW
0:ON, 1:OFF
1
7
LINE OUT POWER SW
0:ON, 1:OFF
1
8
LINE MUTE SW
0:OFF, 1:ON
1
9
SPK POWER SW
0:ON, 1:OFF
1
10
DATA=1
1 1 1 1 1:VOL MAX
0
11
DATA=2
0
12
DATA=4
0 0 0 0 0:VOL MIN (MUTE)
0
13
DATA=8
0
14
DATA=16
0
MSB
15
BIAS MODE
0:ACTIVE MODE, 1:BIAS MODE
0
Serial Transmission Timing
• fMAX
(Max clock frequency)
1.0MHz
• tWL
(Clock pulse width: Low)
500ns or more
• tWH
(Clock pulse width: High)
500ns or more
• tCS
(Chip enable setup time)
500ns or more
• tCH
(Chip enable hold time)
500ns or more
• tDS
(Data setup time)
500ns or more
• tDH
(Data hold time)
500ns or more
• tWC
(Chip enable pulse width)
500ns or more
• VIH
(High voltage lower limit)
2.3V to 3.5V
• VIL
(Low voltage upper limit)
0.0V to 0.7V
* EVR setting (the numeral shown in the left is decimal.
For characteristics, see P12.)
fMAX
tWH
CS
CLOCK
tCS
tWL
tCH
DATA
LSB
tDS
tDH
MSB
tWC
VIL
VIH
VIH
VIL
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com