Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1838M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1838M
Description  Low-Voltage, Low-Saturation Bidirectional Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1838M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1838M Datasheet HTML 1Page - Sanyo Semicon Device LB1838M Datasheet HTML 2Page - Sanyo Semicon Device LB1838M Datasheet HTML 3Page - Sanyo Semicon Device LB1838M Datasheet HTML 4Page - Sanyo Semicon Device LB1838M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1838M
No.3949-3/5
Vcont
IN
OUT
OUT
M
ID
VZ
VCC
VS
ID =
VZ
r
( = Constant)
Block Diagram
VCC
OUT3
VS1
OUT4
GND
Vcont
GND
ENA2
VS2
IN2
60k
Ω
80k
Ω
60k
Ω
80k
Ω
OUT1
OUT2
ENA1
IN1
60k
Ω
80k
Ω
60k
Ω
80k
Ω
Stepping
Motor
10
µF
Thermal
shutdown
Note: As long as the voltages applied to VCC, VS1, VS2, ENA1, ENA2, IN1, and IN2 are within the limits set by the
absolute maximum ratings, there are no restrictions on the relationship of each voltage level in comparison with the
others (regarding which is higher or lower). (ex. VCC = 3V, VS1, 2 = 2V, ENA = IN = 5V)
Truth Table
IN1,2
ENA1,2
OUT1,3
OUT2,4
Mode
L
H
H
L
Forward
H
H
L
H
Reverse
L
L
OFF
OFF
Standby
H
L
OFF
OFF
Standby
Vcont pin
As shown in the left diagram, the Vcont pin outputs the voltage
of the band gap Zener VZ +VF (= 1.93V).
In normal use, this pin is left open.
The drive current ID is varied by the Vcont voltage. However,
because the band gap Zener is shared, it functions as a bridge.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com