Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D11M Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 3D11M
Description  Zener Diodes with Surge Current Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3D11M Datasheet(HTML) 4 Page - Vishay Siliconix

  3D11M Datasheet HTML 1Page - Vishay Siliconix 3D11M Datasheet HTML 2Page - Vishay Siliconix 3D11M Datasheet HTML 3Page - Vishay Siliconix 3D11M Datasheet HTML 4Page - Vishay Siliconix 3D11M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
4
Document Number 85599
Rev. 1.5, 26-Aug-10
BZT03-Series
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in millimeters (inches): SOD-57
Figure 1. Epoxy Glass Hard Tissue, Board Thickness 1.5 mm,
RthJA ≤ 100 K/W
Figure 2. Total Power Dissipation vs. Ambient Temperature
25
50
3
2
50
7
94 9086a
0
0
1
2
3
4
94 9584
40
80
120
160
Tamb –Ambient Temperature ( °C )
200
ll
TL=constant
l=10mm
see Fig.1
15mm
20mm
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Non Repetitive Surge Power Dissipation vs.
Pulse Length
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
3.0
2.0
94 9585
VF –Forward Voltage ( V )
2.5
Tj=25°C
0.01
0.1
1
10
10
100
1000
10000
tp –Pulse Length ( ms )
100
94 9586
Tj=25°C
20543
26 (1.024) min.
4 (0.157) max.
26 (1.024) min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com