Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11660FV Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11660FV
Description  Single-Phase Full-Wave Fan Motor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11660FV Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11660FV Datasheet HTML 1Page - Sanyo Semicon Device LB11660FV Datasheet HTML 2Page - Sanyo Semicon Device LB11660FV Datasheet HTML 3Page - Sanyo Semicon Device LB11660FV Datasheet HTML 4Page - Sanyo Semicon Device LB11660FV Datasheet HTML 5Page - Sanyo Semicon Device LB11660FV Datasheet HTML 6Page - Sanyo Semicon Device LB11660FV Datasheet HTML 7Page - Sanyo Semicon Device LB11660FV Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LB11660FV
No.8318-2/8
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC maximum supply voltage
VCC max
20
V
VM maximum supply voltage
VM max
20
V
OUT pin maximum output
current
IOUT max
Rf
≥ 0.39Ω
1.5
A
OUT pin output voltage 1
VOUT max 1
20
V
OUT pin output voltage 2
VOUT max 2
T
≤ 0.4μs
26.5
V
PRE pin maximum source
current
IPSO max
30
mA
PRE pin maximum sink current
IPSI max
-7
mA
PRE pin output voltage
VP max
20
V
HB maximum output current
HB max
10
mA
VTH input pin voltage
VTH max
7
V
FG output pin voltage
VFG max
18
V
FG output current
IFG max
10
mA
Allowable power dissipation
Pd max
When mounted on a circuit board *1
0.8
W
Operating temperature
Topr
*2
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
*1 Specified circuit board : 114.3
× 76.1 × 1.6mm3, glass epoxy.
*2: Tj max is 150°C. This device must be used under conditions such that the chip temperature does not exceed Tj = 150°C during operation.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage
VCC
4 to 15
V
VM supply voltage
VM
3 to 15
V
Current limiter operation range
ILIM
0.6 to 1.2
V
VTH input level voltage range
VTH
0 to 6
V
Hall sensor input common-mode
input voltage range
VICM
0.2 to 3
V
Electrical Characteristics Unless otherwise specified Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current
ICC1
Drive mode
9
12
mA
HB voltage
VHB
IHB = 5mA
1.05
1.25
1.40
V
6VREG voltage
V6VREG
6VREG = 5mA
5.80
6
6.20
V
CT pin high-level voltage
VCTH
3.4
3.6
3.8
V
CT pin low-level voltage
VCTL
1.4
1.6
1.8
V
ICT pin charge current 1
ICTC1
VCC = 12V
1.7
2.2
2.7
μA
ICT pin charge current 2
ICTC2
VCC = 6V
1.3
1.8
2.3
μA
ICT pin discharge current 1
ICTD1
VCC = 12V
0.11
0.15
0.19
μA
ICT pin discharge current 2
ICTD2
VCC = 6V
0.34
0.44
0.54
μA
ICT charge/discharge current
ratio 1
RCT1
VCC = 12V
12
15
18
Times
ICT charge/discharge current
ratio 2
RCT2
VCC = 6V
3
4
5
Times
ICT charge/discharge ratio
threshold voltage
VRCT
6
6.6
7.3
V
VTH bias current
IBVTH
-2
-1
0
μA
OUT output high saturation
voltage
VOH
IO = 200mA, RL = 1Ω
0.6
0.8
V
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com