Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG428 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # DG428
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG428 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button DG428 Datasheet HTML 6Page - Vishay Siliconix DG428 Datasheet HTML 7Page - Vishay Siliconix DG428 Datasheet HTML 8Page - Vishay Siliconix DG428 Datasheet HTML 9Page - Vishay Siliconix DG428 Datasheet HTML 10Page - Vishay Siliconix DG428 Datasheet HTML 11Page - Vishay Siliconix DG428 Datasheet HTML 12Page - Vishay Siliconix DG428 Datasheet HTML 13Page - Vishay Siliconix DG428 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
L
A1
B
ALL LEADS
0.101 mm
0.004
″
E
D
e
A
H
C
1
2
3
456789
18
17
16
15
14
13
12
11
10
Package Information
Vishay Siliconix
Document Number: 71266
02-Jul-01
www.vishay.com
1
SOIC (WIDEBODY): 18LEAD
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
2.15
2.90
0.085
0.114
A1
0.10
0.30
0.004
0.012
B
0.35
0.45
0.014
0.018
C
0.23
0.28
0.009
0.011
D
11.25
12.45
0.443
0.490
E
7.25
8.00
0.285
0.315
e
1.27 BSC
0.050 BSC
H
9.80
10.60
0.386
0.417
L
0.60
1.00
0.024
0.039
0
_
8
_
0
_
8
_
ECN: S-03946—Rev. C, 09-Jul-01
DWG: 5302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com