Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7L4091 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Rev. 1.00
���i� ��� �011
Rev. 1.00
9
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Functional Description
The HT7L4091 is a universal AC/DC constant current LED driver designed for peak current mode
control. The device provides both LED Linear and PWM dimming current functions. The high input
voltage from a rectified 85V to 260V AC power is clamped to under 25V by an external circuit and
an internal Zener diode. The device also contains an input Under-Voltage-Lockout (UVLO) circuit.
When the voltage supplied on the VIN pin exceeds the UVLO high threshold, the gate driver is
enabled. If the input voltage falls below the UVLO low threshold, the gate driver is turned off.
LED Current Control
The HT7L4091 device is a constant off-time peak current mode controller. With reference to the
Application Circuit, the LED peak current is programmed by an external current sense resistor (RCS)
connected between the CS and the ground pins. The CS pin is connected to a non-inverting terminal
of an internal comparator of which an internal 250mV reference is tied to the inverting terminal. The
LED peak current through the RCS resistor will generate a voltage which is applied on the comparator
non-inverting terminal and compare with the internal 250mV reference voltage. If the voltage on
the CS pin is less than the internal reference voltage 250mV, the LED gate driving circuitry will be
turned on. While the voltage on the CS pin is larger than the internal reference voltage, the LED
gate driving circuitry will be turned off for a constant Toff time. After the Toff time, the gate driving
circuitry will be turn on if the voltage on the CS pin is less than the internal reference voltage. Good
line regulation is a feature of constant off-time operation and the LED current is independent of the
input voltage. Since the inductor current ripple is dependent on the LED string voltage, the LED
string voltage variation will result in LED current variation. This is typically not a problem since the
LED voltage variation for a given load is fairly small.
RCS can be calculated using the following equation:
(
)
=
=
+
×
CS
�eak
LED
0.�5
0.�5
R
1
I
1
Ri���e I
Where Ipeak is the Maximum LED Current, Ripple is the Peak to Peak LED Current, and ILED is the
Average LED Current. Ripple can be controlled by the inductor.
off
out
LED
Ripple
TV
I
Ripple=I
L
×
×=
Refer to “Inductor Design” for the inductor calculation. Refer to “Programmable Off Time” for Toff
calculation.
Programmable Off Time
The device operates in a constant off-time mode. A resistor connected between the RT pin and the
ground pin generates a constant current source which is used to charge an internal capacitor and
determine the off-time. Increasing the resistance reduces the amplitude of the current source and
increases the off-time. The relationship between the resistor RT and the off-time is given by the
following formula:
Toff = CT × RT CT=36pF~44pF, CT_typ=40pF.
For a given Toff and duty cycle, the switching frequency (fs) can be decided. The duty cycle is
determined by the input and output voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com