Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16C22 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT16C22
Description  RAM Mapping 44*4 LCD Controller Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C22 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT16C22 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16C22 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16C22 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16C22 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16C22 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16C22 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16C22 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16C22 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16C22 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Rev. 1.20
21
May 10, 2011
HT16C22/HT16C22G
●
Blinking setting command:
These commands set the blinking frequency of display modes.
MSB
LSB
Function
Bit7
Bit6
Bit5
Bit4
Bit3 Bit2 Bit1
Bit0
Note
Def
Blinking Frequency
11000
0
BK1
BK0
C0H
Note:
1. When “BK1” and “BK0” bits are set to {0, 0}:
Blinking off
2. When “BK1” and “BK0” bits are set to {0, 1}:
Blinking Frequency= 2Hz
3. When “BK1” and “BK0” bits are set to {1, 0}:
Blinking Frequency= 1Hz
4. When “BK1” and “BK0” bits are set to {1, 1}:
Blinking Frequency= 0.5Hz
5. Power on status: Blinking is switched off.
6. If programmed command data is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com