Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K23 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT16K23
Description  RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K23 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT16K23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Rev. 1.10
4
July 01, 2011
HT16K23
Pin Description
Pin Name
Type
Description
SDA
I/O Serial Data Input/Output for I2C interface.
SCL
I
Serial Clock Input for I2C.
VDD
—
Positive power supply for logic circuits.
VSS
—
Negative power supply for logic circuits, ground.
COM0 ~ COM3
O
LCD Common output.
SEG0/K0 ~
SEG14/K14
I/O ● LCD Segment output.
● Key data input, internal pull-low during key scan.
SEG15/K15/INT
I/O
● When the “M” bit of the mode set command is set to “1”, and the
“INT/ROW” bit of the mode set command is set to “0”, this pin
becomes an LCD Segment output and key data input with internal
pull-low during key scan.
● When the “M” bit of the mode set command is set to “1”, and the
“INT/ROW” bit of the mode set command is set to “1”, this pin
becomes an INT pin, interrupt signal out. INT is output active-low
when the “ACT” bit of mode set command is set to “0”, The INT
output is active-high when the “ACT” bit of the mode set command
is set to “1”
SEG16/COM7/K16 ~
SEG18/COM5/K18
I/O
● When the “M” bit of the mode set command is set to “0”, this
pin becomes an LCD Segment output and a key data input with
internal pull-low during a key scan.
● When the “M” bit of the mode set command is set to “1”, this pin
becomes an LCD Common output.
SEG19/COM4/K19/INT
I/O
● When the “M” bit of the mode set command is set to “0”, and the
“INT/ROW” bit of the mode set command is set to “0”, this pin
becomes a LCD Segment output and a key data input with internal
pull-low during key scan.
● When the “M” bit of the mode set command is set to “0”, and the
“INT/ROW” bit of the mode set command is set to “1”, this pin
becomes an INT pin, interrupt signal out. The INT output is active-
low when the “ACT” bit of the mode set command is set to “0”,
The INT output active-high when the “ACT” bit of the mode set
command is set to “1”
● When the “M” bit of the mode set command is set to “1”, this pin
becomes an LCD Common output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com