Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1ZAS4 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S1ZAS4
Description  Schottky Rectifiers (SBD) (40V 1.2A)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S1ZAS4 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S1ZAS4 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S1ZAS4 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S1ZAS4 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S1ZAS4 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S1ZAS4 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S1ZAS4 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd S1ZAS4 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd S1ZAS4 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd S1ZAS4 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
S1ZAS4
40V 1.2A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
iUnit : mm
● Switching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunication
APPLICATION
● SMT
● Tj150℃
● PRRSM avalanche guaranteed
● Array
FEATURES
Case : 1Z
Dual
Schottky Rectifiers (SBD)
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
V
RM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
45
V
50Hz sine wave, R-load, On alumina substrate, 1 element operation, Ta=49℃
1.2
Average Rectified Forward Current
IO
50Hz sine wave, R-load, On alumina substrate, 2 element operation, Ta=45℃
0.9*
A
50Hz sine wave, R-load, On glass-epoxy substrate, 1 element operation, Ta=47℃
1.0
50Hz sine wave, R-load, On glass-epoxy substrate, 2 element operation, Ta=43℃
0.72*
Peak Surge Forward Current
I
FSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125℃
40
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Rating of per diode, Tj=25℃
160
W
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=1A,
Pulse measurement, Rating of per diode
Max.0.55
V
Reverse Current
IR
VR=VRM ,
Pulse measurement, Rating of per diode
Max.1
mA
Junction Capacitance
Cj
f=1MHz, VR=10V, Rating of per diode
Typ.65
pF
θjl
junction to lead
Max.25
junction to ambient, On alumina substrate, 1 element operation
Max.93
Thermal Resistance
θja
junction to ambient, On alumina substrate, 2 element operation
Max.140* ℃/W
junction to ambient, On glass-epoxy substrate, 1 element operation
Max.120
junction to ambient, On glass-epoxy substrate, 2 element operation
Max.186*
*:
Raitng of per diode


Similar Part No. - S1ZAS4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1ZAS4 SHINDENGEN-S1ZAS4_10 Datasheet
629Kb / 2P
SBD Array Diode
More results

Similar Description - S1ZAS4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 120A)
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
D1FS4 SHINDENGEN-D1FS4 Datasheet
599Kb / 12P
Schottky Rectifiers (SBD) (40V 1.1A)
D1NS4 SHINDENGEN-D1NS4 Datasheet
552Kb / 10P
Schottky Rectifiers (SBD) (40V 1A)
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
Schottky Rectifiers (SBD) (40V 2A)
D30SC4M SHINDENGEN-D30SC4M Datasheet
589Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
M1FS6 SHINDENGEN-M1FS6 Datasheet
600Kb / 11P
Schottky Rectifiers (SBD) (6 0V 1.2A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com