Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R006 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT48R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R006 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT48R006 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 49Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 50Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
HT48R006/HT46R006
Rev. 1.00
47
October 24, 2011
· ADRH, ADRL Register
ADRH
ADRL
Bit
7654321076543210
Name
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
¾¾¾¾
R/W
RRRRRRRRRRRR
¾¾¾¾
POR
xxxxxxxxxxxx
¾¾¾¾
²x² unknown
unimplemented, read as
²0²
D11~D0: ADC conversion data
· ADCR Register
Bit
76543210
Name
START
EOCB
¾
PCR2
PCR1
PCR0
ACS1
ACS0
R/W
R/W
R
¾
R/W
R/W
R/W
R/W
R/W
POR
0
1
¾
00000
Bit 7
START: Start the A/D conversion
0
®1®0 : start
0
®1
: reset the A/D converter and set EOCB to
²1²
This bit is used to initiate an A/D conversion process. The bit is normally low but if set high and
then cleared low again, the A/D converter will initiate a conversion process. When the bit is set
high the A/D converter will be reset.
Bit 6
EOCB: End of A/D conversion flag
0: A/D conversion ended
1: A/D conversion in progress
This read only flag is used to indicate when an A/D conversion process has completed. When the
conversion process is running the bit will be high.
Bit 5
unimplemented, read as
²0²
Bit 4
PCR2: Define PA2 is A/D input or not
0: not A/D input
1: A/D input, AN2
Bit 3
PCR1: Define PA1 is A/D input or not
0: not A/D input
1: A/D input, AN1
Bit 2
PCR0: Define PA0 is A/D input or not
0: not A/D input
1: A/D input, AN0
Note that if the PCR2~PCR0 bits are all cleared to
²0², then the ADC module will enter
power down mode to reduce the power consumption.
Bit 1~0
ACS1 ~ ACS0: Select A/D channel
00: AN0
01: AN1
10: AN2
11: Reserved
A/D Converter Control Registers
- ADCR, ACSR
To control the function and operation of the A/D con-
verter, two control registers known as ADCR and ACSR
are provided. These 8-bit registers define functions
such as the selection of which analog channel is con-
nected to the internal A/D converter, which pins are
used as analog inputs and which are used as normal
I/Os, the A/D clock source as well as controlling the start
function and monitoring the A/D converter end of con-
version status.
The PCR2~PCR0 bits in the ADCR register define the
channel number. As the device contains only one actual
analog to digital converter circuit, each of the individual
3 analog inputs must be routed to the converter. It is the
function of the ACS1~ACS0 bits in the ADCR register to
determine which analog channel is actually connected
to the internal A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com