Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R006 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT46R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R006 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT46R006 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
HT48R006/HT46R006
Rev. 1.00
32
October 24, 2011
I/O Port Control Registers
Each Port has its own control register, known as PAC
which controls the input/output configuration. With this
control register, each I/O pin with or without pull-high re-
sistors can be reconfigured dynamically under software
control. For the I/O pin to function as an input, the corre-
sponding bit of the control register must be written as a
²1². This will then allow the logic state of the input pin to
be directly read by instructions. When the correspond-
ing bit of the control register is written as a
²0², the I/O
pin will be setup as a CMOS output. If the pin is currently
setup as an output, instructions can still be used to read
the output register. However, it should be noted that the
program will in fact only read the status of the output
data latch and not the actual logic status of the output
pin.
Pin-shared Functions
The flexibility of the microcontroller range is greatly en-
hanced by the use of pins that have more than one func-
tion. Limited numbers of pins can force serious design
constraints on designers but by supplying pins with
multi-functions, many of these difficulties can be over-
come. For some pins, the chosen function of the
multi-function I/O pins is set by configuration options
while for others the function is set by application pro-
gram control.
· External Interrupt Input
The external interrupt pin, INT, is pin-shared with an
I/O pin. To use the pin as an external interrupt input
the correct bits in the INTC0 register must be pro-
grammed. The pin must also be setup as an input by
setting bit in the Port Control Register. A pull-high re-
sistor can also be selected via the appropriate port
pull-high resistor register. Note that even if the pin is
setup as an external interrupt input the I/O function
still remains.
· External Timer/Event Counter Input
The Timer/Event Counter pins, TC0 and TC1 are
pin-shared with I/O pins. For these shared pins to be
used as Timer/Event Counter inputs, the Timer/Event
Counter must be configured to be in the Event Coun-
ter or Pulse Width Capture Mode. This is achieved by
setting the appropriate bits in the Timer/Event Counter
Control Register. The pins must also be setup as in-
puts by setting the appropriate bit in the Port Control
Register. Pull-high resistor options can also be se-
lected using the port pull-high resistor registers. Note
that even if the pin is setup as an external timer input
the I/O function still remains.
· PFD Output -- HT46R006
The PFD function output is pin-shared with an I/O pin.
The output function of this pin is chosen using the
CTRL0 register. Note that the corresponding bit of
the port control register, must setup the pin as an
output to enable the PFD output. If the port control
register has setup the pin as an input, then the pin will
function as a normal logic input with the usual
pull-high selection, even if the PFD function has been
selected.
· Buzzer Output -- HT48R006
The device contains a Buzzer function whose single
or dual outputs are pin-shared with I/O pins. The out-
put function of these pin are chosen using the CTRL0
register. Note that the corresponding bit of the port
control register, must setup the pin as an output to en-
able the BZ, BZ output. If the port control register has
setup these pins as input, then these pins will function
as normal logic input with the usual pull-high selec-
tion, even if the Buzzer function has been selected.
· PWM Outputs
The PWM function whose outputs are pin-shared with
I/O pins. The PWM output functions are chosen using
the CTRL0 register. Note that the corresponding bit of
the port control registers, for the output pin, must
setup the pin as an output to enable the PWM output.
If the pins are setup as inputs, then the pin will function
as a normal logic input with the usual pull-high selec-
tions, even if the PWM registers have enabled the
PWM function.
· A/D Inputs
All of these analog inputs are pin-shared with I/O pins.
If these pins are to be used as A/D inputs and not as
I/O pins then the corresponding PCRn bits in the A/D
converter control register, ADCR, must be properly
setup. There are no configuration options associated
with the A/D converter. If chosen as I/O pins, then full
pull-high resistor configuration options remain, how-
ever if used as A/D inputs then any pull-high resistor
options associated with these pins will be automati-
cally disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com