Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F30 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 244 page
background image
Instruction Set .................................................................................200
Introduction.........................................................................................................200
Instruction Timing ...............................................................................................200
Moving and Transferring Data ............................................................................200
Arithmetic Operations .........................................................................................200
Logical and Rotate Operations ...........................................................................200
Branches and Control Transfer ...........................................................................200
Bit Operations.....................................................................................................201
Table Read Operations.......................................................................................201
Other Operations................................................................................................201
Instruction Set Summary ....................................................................................201
Instruction Definition ......................................................................203
Package Information .......................................................................213
16-pin DIP (300mil) Outline Dimensions .............................................................213
16-pin NSOP (150mil) Outline Dimensions .........................................................216
16-pin SSOP (150mil) Outline Dimensions .........................................................217
20-pin DIP (300mil) Outline Dimensions .............................................................218
20-pin SOP (300mil) Outline Dimensions............................................................220
20-pin SSOP (150mil) Outline Dimensions .........................................................221
24-pin SKDIP (300mil) Outline Dimensions ........................................................222
24-pin SOP (300mil) Outline Dimensions............................................................225
24-pin SSOP (150mil) Outline Dimensions .........................................................226
28-pin SKDIP (300mil) Outline Dimensions ........................................................227
28-pin SOP (300mil) Outline Dimensions............................................................228
28-pin SSOP (150mil) Outline Dimensions .........................................................229
SAW Type 32-pin (5mm
´5mm) QFN Outline Dimensions...................................230
SAW Type 40-pin (6mm
´6mm for 0.75mm) QFN Outline Dimensions................231
44-pin LQFP (10mm
´10mm) (FP3.2mm) Outline Dimensions............................232
48-pin SSOP (300mil) Outline Dimensions .........................................................233
SAW Type 48-pin (7mm
´7mm) QFN Outline Dimensions...................................234
48-pin LQFP (7mm
´7mm) Outline Dimensions ..................................................235
52-pin QFP (14mm
´14mm) Outline Dimensions ................................................236
Product Tape and Reel Specifications ..........................................237
Reel Dimensions ................................................................................................237
Carrier Tape Dimensions ....................................................................................239
Contents
Rev. 1.60
7
October 24, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com