Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F50 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT66F50
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F50 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT66F50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F50 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 244 page
background image
Selection Table
Most features are common to all devices, the main feature distinguishing them are Memory capacity, I/O count, TM
features, stack capacity and package types. The following table summarises the main features of each device.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM
I/O
Ext.
Int.
Timer
Module
Interface
(SPI/I
2C)
UART
Stack
Package
HT68F20
2.2V~
5.5V
1K
´14
64
´832´818
2
10-bit CTM
´1,
10-bit STM
´1
Ö¾
4
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
HT68F30
2.2V~
5.5V
2K
´14
96
´864´8
22
2
10-bit CTM
´1,
10-bit ETM
´1
Ö
¾
4
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
24SKDIP/SOP/SSOP
HT68FU30
14
Ö
24SKDIP/SOP
HT68F40
2.2V~
5.5V
4K
´15
192
´8
128
´8
42
2
10-bit CTM
´1,
10-bit ETM
´1,
16-bit STM
´1
Ö
¾
8
24/28SKDIP/SOP/SSOP
44LQFP
32/40QFN, 48SSOP/QFN
HT68FU40
34
Ö
40QFN, 44LQFP,
48SSOP/QFN
HT68F50
2.2V~
5.5V
8K
´16
384
´8
256
´8
42
2
10-bit CTM
´2,
10-bit ETM
´1,
16-bit STM
´1
Ö
¾
8
28SKDIP/SOP/SSOP
44LQFP, 40QFN
48SSOP/QFN
HT68FU50
34
Ö
44LQFP, 48QFN
HT68F60
2.2V~
5.5V
12K
´16
576
´8
256
´8
50
4
10-bit CTMx2,
10-bit ETMx1,
16-bit STMx1
Ö
¾
12
52QFP, 40QFN, 44LQFP
48SSOP/LQFP/QFN
HT68FU60
42
Ö
52QFP, 40QFN, 44LQFP
48LQFP/QFN
Note:
As devices exist in more than one package format, the table reflects the situation for the package with the most
pins.
There is an additional peripheral known as the UART module in HT68FU30, HT68FU40, HT68FU50 and
HT68FU60 devices. All information related to the UART Module will be described in the following UART Mod-
ule section.
Block Diagram
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
9
October 24, 2011
F l a s h / E E P R O M
P r o g r a m m i n g
C i r c u i t r y ( I S P )
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
E R C / H X T
O s c i l l a t o r
L I R C / L X T
O s c i l l a t o r
H I R C
O s c i l l a t o r
S t a c k
E E P R O M
D a t a
M e m o r y
F l a s h
P r o g r a m
M e m o r y
R A M
D a t a
M e m o r y
U A R T
S I M
T M 0
L o w
V o l t a g e
R e s e t
L o w
V o l t a g e
D e t e c t
T M 1
T M n
C o m p a r a t o r s
T B 0 / T B 1
I / O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com