Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT72D2833 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT72D2833
Description  High PSRR 300mA Dual LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72D2833 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT72D2833 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72D2833 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72D2833 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72D2833 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72D2833 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72D2833 Datasheet HTML 9Page - Holtek Semiconductor Inc HT72D2833 Datasheet HTML 10Page - Holtek Semiconductor Inc HT72D2833 Datasheet HTML 11Page - Holtek Semiconductor Inc HT72D2833 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Rev. 1.00
8
August 08, 2011
HT72Dxxxx
HT72D2818 VOUT2=1.8V VIN=2.8V
CIN=COUT2=1uF VEN1=0V VEN2= VIN
HT72D2818 VOUT2=1.8V VIN=2.8V
CIN=COUT2=1uF VEN1=0V VEN2= VIN
HT72D2818 VOUT1=2.8V VIN=3.8V
CIN=COUT1=1uF VEN1= VIN VEN2=0V
HT72D2818 VOUT1=2.8V VIN=3.8V
CIN=COUT1=1uF VEN1= VIN VEN2=0V
HT72D5015 VOUT1=5.0V VIN=6.0V
CIN=COUT1=1uF VEN1= VIN VEN2=0V
HT72D5015 VOUT1=5.0V VIN=6.0V
CIN=COUT1=1uF VEN1= VIN VEN2=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com