Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1382 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Functional Description
The HT1382 is a low power real time clock device which provides full date and time functions.
Communication with the device is provided through two integral serial interfaces, I
2C or 3-wire. The
device version selects the type of interface. The clock and calendar information is generated in BCD
format and also has alarm features. The calendar is accurate until the year 2099, with automatic leap
year correction.
Basic timing is provided using an external 32768Hz crystal, for which the device includes load
capacitances of 12.5pF. An oscillator compensation function is provided to compensate for crystal
oscillator temperatures. With fully integrated power control circuitry which can detect power failures,
the device can automatically switch to a reserve battery supply when a power failure occurs.
Power Control Function
The internal battery switchover circuit continually monitors the main power supply on the VDD pin
and automatically switches to the backup battery supply when a power failure condition is detected.
In the battery backup mode, the interface is disabled to minimise power consumption. The interface
inputs will not be recognized which prevents extraneous data being written to the device. The interface
outputs are high-impedance. All RTC function are operational when the device is in the battery backup
mode.
Normal Mode (VDD) to Battery Backup Mode (VBAT)
To switch from the V
DD
to V
BAT
Mode , both of the following conditions must be valid:
V
DD
<V
BAT
-V
BATHYS
and V
DD
<V
COMP
Battery Backup Mode (VBAT) to Normal Mode (VDD)
To switch from the V
BAT
to V
DD
Mode, one of the following conditions must be valid:
V
DD
>V
BAT
+V
BATHYS
or V
DD
>V
COMP
+V
COMPHYS
The power control situation is illustrated graphically below:
Low Power Mode
In normal mode, the HT1382 switched into battery backup mode when the V
DD
power is lost. This will
ensure that the device can accept a wide range of backup voltages from many types of sources while
reliably switching into backup mode. Another mode, called Low Power Mode, is available to allow
direct switching from V
DD
to V
BAT
without requiring V
DD
to drop below V
COMP
. The power switchover
circuit is disabled and less power is used while operating from V
DD
. Low Power Mode is activated via
the LPM bit.
Low Power Mode is useful when V
DD
is normally higher than V
BAT
. The device will switch from V
DD
to
V
BAT
when V
DD
drops below V
BAT
, with about 40mVof hysteresis to prevent any switchback of V
DD
after
switchover. In a system with V
DD
=5V and V
BAT
=3V, Low Power Mode can be used. However, it is not
recommended to use Low Power Mode in V
DD
=3.3V
±10%, V
BAT
³3V.
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.40
9
May 27, 2011
Battery Backup
Mode
VDD
VCOMP
VBAT
2.55V
3.0V
VCOMP
VCOMP+VCOMPHYS
Note: Battery switchover when VBAT >VCOMP
Note: Battery switchover when VBAT <VCOMP
Battery
Backup
Mode
VDD
VCOMP
VBAT
2.55V
2.0V
VBAT-VBATHYS
VBAT+VBATHYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com