Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC01707PLF Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC01707PLF
Description  FM multiple tuner IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC01707PLF Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC01707PLF Datasheet HTML 1Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 2Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 3Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 4Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 5Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 6Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 7Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 8Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LC01707PLF
No.A1928-2/18
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VDD
3.0 to 3.6
V
Recommended supply
temperature
VDD
3.3
V
Electrical Characteristics at Ta
= 25°C, VDD = 3.3V,
fc = 83MHz, VIN=60dB
μVEMF, fm=1kHz, Audio filter: HPF=100Hz, LPF=15kHz
Resister setting: IF AGC (02h) =6(110), RF AGC (00h) =0(0000)
DLL demodulator loop gain setting (09h) =1(01), Mono multi center setting (09h) =7(0111)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Practical sensitivity 1 (S/N30dB)
SN30
22.5kHz dev, fm=1kHz, S/N=30dB input level
12
20
dB
μEMF
Practical sensitivity 2 (S/N10dB)
SN10
7.5kHz dev, fm=76kHz, S/N=10dB input level
*1
27
dB
μEMF
S/N1
SN1
22.5kHz dev, fm=1kHz
34
44
dB
S/N2
SN2
7.5kHz dev, fm=76kHz *1
21
dB
Total harmonic distortion rate 1
THD_1
22.5kHz dev, fm=1kHz
0.5
%
Total harmonic distortion rate 2
THD_2
75.0kHz dev, fm=1kHz
0.5
%
AM suppression ratio
AMR
AM 30% mod
34
44
dB
Image rejection ratio
IMR
22.5k\Hz dev, fm=1kHz
32
dB
Audio output level 1
AD01
7.5kHz dev, fm=1kHz *1
26
39
70
mVrms
Audio output level 2
AD02
7.5kHz dev, fm=76kHz *1
15
23
41
mVrms
Consumption current
IDD
No signal input
106
170
mA
*1: Audio filter: HPF=100Hz, LPF=OFF
Package Dimensions
unit : mm (typ)
3408
SANYO : VQFN44K(6.0X6.0)
6.0
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
(4.0)
1
1
2
2
(1.0)
0.4
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com