Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG3003DB-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG3003DB-T1
Description  Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003DB-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG3003DB-T1 Datasheet HTML 1Page - Vishay Siliconix DG3003DB-T1 Datasheet HTML 2Page - Vishay Siliconix DG3003DB-T1 Datasheet HTML 3Page - Vishay Siliconix DG3003DB-T1 Datasheet HTML 4Page - Vishay Siliconix DG3003DB-T1 Datasheet HTML 5Page - Vishay Siliconix DG3003DB-T1 Datasheet HTML 6Page - Vishay Siliconix DG3003DB-T1 Datasheet HTML 7Page - Vishay Siliconix DG3003DB-T1 Datasheet HTML 8Page - Vishay Siliconix DG3003DB-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 72505
S11-0303-Rev. D, 28-Feb-11
www.vishay.com
3
Vishay Siliconix
DG3001, DG3002, DG3003
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 3.0 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %,VIN = 0.4 V or 2.0 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistanced
RON
V+ = 2.7 V, VCOM = 1.5 V
INO, INC = 10 mA
Room
Full
0.4
0.7
0.8
RON Flatness
d
RON
Flatness
V+ = 2.7 V, VCOM = 0 to V+
INO, INC = 10 mA
Room
0.1
0.2
RON Match
d
R
ON
Room
0.01
0.05
Switch Off Leakage Currentf
INO(off)
INC(off)
V+ = 3.3 V,
VNO, VNC = 0.3 V/3 V, VCOM = 3 V/0.3 V
Room
Full
- 1
- 10
1
10
nA
ICOM(off)
Room
Full
- 1
- 10
1
10
Channel-On Leakage Currentf
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
- 1
- 10
1
10
Digital Control
Input High Voltage
VINH
Full
2
V
Input Low Voltage
VINL
Full
0.4
Input Capacitanced
Cin
Full
5
pF
Input Currentd
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Timed
tON
VNO or VNC = 2.0 V, RL = 300 , CL = 35 pF
figure 1 and 2
Room
Full
47
71
ns
Turn-Off Timed
tOFF
Room
Full
40
59
Break-Before-Make Timed
td
Room
1
6
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 figure 3
Room
64
pC
Off-Isolationd
OIRR
RL = 50, CL = 5 pF, f = 100 kHz
Room
- 70
dB
Crosstalkd
XTALK
Room
- 70
NO, NC Off Capacitance
d
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
100
pF
Channel-On Capacitanced
CON
Room
340
Power Supply
Positive Supply Range
V+
2.7
3.3
V
Negative Supply Current
I+
VIN = 0 or V+
0.1
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com