Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC749880T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC749880T
Description  Silicon gate Image controller LSI for LCD-TV
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749880T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC749880T Datasheet HTML 1Page - Sanyo Semicon Device LC749880T Datasheet HTML 2Page - Sanyo Semicon Device LC749880T Datasheet HTML 3Page - Sanyo Semicon Device LC749880T Datasheet HTML 4Page - Sanyo Semicon Device LC749880T Datasheet HTML 5Page - Sanyo Semicon Device LC749880T Datasheet HTML 6Page - Sanyo Semicon Device LC749880T Datasheet HTML 7Page - Sanyo Semicon Device LC749880T Datasheet HTML 8Page - Sanyo Semicon Device LC749880T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LC749880T
No.A1186-2/17
Continued from preceding page.
(5) Panel interface
• Video signal of either RGB 24-bit (single phase) or 18-bit signal output
• Timing controller output for panel driver
(6) Others
• OSD I/F: R, G, B, EN
• Clock generator (PLL) incorporated
• I2C bus interface incorporated
LSI Specifications
• Supply voltage Core: 1.8V, I/O block: 3.3V
• Maximum operating frequency: 27MHz
• Package: TQFP120
Principal Applications
• LCD TV
Analog Input
CVBS
×2ch: Composite video input 2channels
S-Video: S video input 1channel
YCbCr/YPbPr (480i/576i input compatible): Component input 1channel
YC Separation Video Decoder
A video decoder that converts either the NTSC/PAL video signal or component video signal into the digital video
signal is incorporated, which is compatible with the composite video signal, S video signal, and component video
signal (480i).
Resolution Conversion
Two-dimensional IP conversion, and expansion/contraction processings available
1. Interlace progressive conversion (IP conversion)
Two-dimensional IP conversion possible for NTSC/PAL input
2. Horizontal vertical scaler functions
Expansion/contraction to VGA size possible. Expansion/contraction possible independently in horizontal and
vertical directions. Full-screen display and zoom display possible.
Enhancement Functions
Various enhancement functions are available. Picture quality adjustment can be made appropriate to characteristics
of LCD-TV.
1. Adjusting the TV picture quality
1-1. Contour correction (horizontal vertical)
Contour correction of the input luminance signal. Adquate peaks are added around the contour.
In this case, coring adjustment is possible to prevent emphasizing of the peak amount and extremely small
noises.
1-2. Color
Saturation can be adjusted by adjusting the color gain of input color-difference signal.
1-3. Hue
The hue of the screen as a whole can be adjusted.
1-4. Luminance
Luminance of the screen as a whole can be adjusted.
1-5. Contrast
Brightness of the screen as a whole can be adjusted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com