Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863340C Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC863340C
Description  8-bit 1-chip Microcontroller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863340C Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC863340C Datasheet HTML 9Page - Sanyo Semicon Device LC863340C Datasheet HTML 10Page - Sanyo Semicon Device LC863340C Datasheet HTML 11Page - Sanyo Semicon Device LC863340C Datasheet HTML 12Page - Sanyo Semicon Device LC863340C Datasheet HTML 13Page - Sanyo Semicon Device LC863340C Datasheet HTML 14Page - Sanyo Semicon Device LC863340C Datasheet HTML 15Page - Sanyo Semicon Device LC863340C Datasheet HTML 16Page - Sanyo Semicon Device LC863340C Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LC863364C/56C/48C/40C/32C/28C/24C/20C/16C
No.A0116-13/21
Serial Input/Output Characteristics at Ta = -10°C to +70°C, VSS = 0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
Cycle
tCKCY(1)
2
Low Level
pulse width
tCKL(1)
1
High Level
pulse width
tCKH(1)
•SCK0
•SCLK0
Refer to figure 4.
4.5 to 5.5
1
Cycle
tCKCY(2)
2
Low Level
pulse width
tCKL(2)
1/2tCKCY
High Level
pulse width
tCKH(2)
•SCK0
•SCLK0
•Use pull-up
resistor (1k
Ω)
when Nch open-
drain output.
•Refer to figure 4.
4.5 to 5.5
1/2tCKCY
tCYC
Data set up time
tICK
0.1
Data hold time
tCKI
SI0
•Data set-up to
SCK0.
•Data hold from
SCK0.
•Refer to figure 4.
4.5 to 5.5
0.1
Output delay time
(Using external clock)
tCKO(1)
SO0
4.5 to 5.5
7/12tCYC +0.2
Output delay time
(Using internal clock)
tCKO(2)
SO0
•Data hold from
SCK0.
•Use pull-up
resistor (1k
Ω)
when Nch open-
drain output.
•Refer to figure 4.
4.5 to 5.5
1/3tCYC +0.2
µs
IIC Input/Output Conditions at Ta = -10°C to +70°C, VSS = 0V
Standard
High speed
Parameter
Symbol
min
max
min
max
unit
SCL Frequency
fSCL
0
100
0
400
kHz
BUS free time between stop - start
tBUF
4.7
-
1.3
-
µs
HOLD time of start, restart condition
tHD;STA
4.0
-
0.6
-
µs
L time of SCL
tLOW
4.7
-
1.3
-
µs
H time of SCL
tHIGH
4.0
-
0.6
-
µs
Set-up time of restart condition
tSU;STA
4.7
-
0.6
-
µs
HOLD time of SDA
tHD;DAT
0
-
0
0.9
µs
Set-up time of SDA
tSU;DAT
250
-
100
-
ns
Rising time of SDA, SCL
tR
-
1000
20+0.1Cb
300
ns
Falling time of SDA, SCL
tF
-
300
20+0.1Cb
300
ns
Set-up time of stop condition
tSU;STO
4.0
-
0.6
-
µs
Refer to figure 9
Note 1: Cb: Total capacitance of all BUS (unit : pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com