Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE24L322CS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE24L322CS
Description  Two Wire Serial Interface EEPROM (32k EEPROM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24L322CS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE24L322CS Datasheet HTML 1Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 2Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 3Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 4Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 5Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 6Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 7Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 8Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LE24L322CS
Pin Assignment
Pin Descriptions
PIN.1
NC
Nonconnected pin
PIN.2
GND
Ground
PIN.3
VDD
Power supply
PIN.4
NC
Nonconnected pin
PIN.5
NC
Nonconnected pin
PIN.6
WP
Write protect
PIN.7
SCL
Serial clock input
PIN.8
SDA
Serial data input/output
1
2.01 x 1.06 x 0.58(max)
Bottom view
2
3
6
8
4
75
Block Diagram
EEPROM Array
High voltage generator
Serial-parallel converter
Y decoder & Sense AMP
SCL
SDA
Write controller
WP
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
unit
Supply voltage
-0.5 to +4.6
V
DC input voltage
-0.5 to VDD+0.5
V
Over-shoot voltage
Below 20ns
-1.0 to VDD+1.0
V
Storage temperature
Tstg
-65 to +150
°C
Note: If an electrical stress exceeding the maximum rating is applied, the device may be damaged.
Operating Conditions
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage
1.8 to 3.6
V
Operating temperature at reading
-40 to +85
°C
Operating temperature at writing
-20 to +85
°C
No.A1449-2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com