Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25LB643 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LE25LB643
Description  Serial SPI EEPROM (SPI Bus) (64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB643 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LE25LB643 Datasheet HTML 1Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 2Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 3Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 4Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 5Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 6Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 7Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 8Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LE25LB643
No.NA1342-4/14
AC Characteristics (at FCLK = 5MHz)/VDD = 2.5V to 3.6V
Parameter
Symbol
Conditions
min
typ
max
Unit
Clock frequency
FCLK
5
MHz
SCK logic high level pulse width
tCLHI
90
ns
SCK logic low level pulse width
tCLLO
90
ns
Input signal rise/fall time
tRF
1us
CS setup time
tCSS
90
ns
SCK setup time
tCLS
90
ns
Data setup time
tDS
20
ns
Data hold time
tDH
30
ns
CS hold time
tCSH
90
ns
SCK hold time
tCLH
90
ns
CS standby pulse width
tCPH
90
ns
CS output high impedance time
tCHZ
150
ns
SCK output data time
tV
80
ns
Output data hold time
tHO
0
ns
WP setup time
tWPS
30
ns
WP hold time
tWPH
30
ns
HOLD setup time
tHS
30
ns
HOLD hold time
tHH
30
ns
HOLD output low impedance time
tHLz
50
ns
HOLD output high impedance time
tHHz
100
ns
Write cycle time
tWC
5ms
SCK output low impedance time
tCLZ
0
ns
AC Characteristics (at FCLK = 3MHz)/VDD = 1.8V to 3.6V
Parameter
Symbol
Conditions
min
typ
max
Unit
Clock frequency
FCLK
3MHz
SCK logic high level pulse width
tCLHI
120
ns
SCK logic low level pulse width
tCLLO
120
ns
Input signal rise/fall time
tRF
1us
CS setup time
tCSS
100
ns
SCK setup time
tCLS
100
ns
Data setup time
tDS
30
ns
Data hold time
tDH
50
ns
CS hold time
tCSH
100
ns
SCK hold time
tCLH
150
ns
CS standby pulse width
tCPH
120
ns
CS output high impedance time
tCHZ
200
ns
SCK output data time
tV
150
ns
Output data hold time
tHO
0
ns
WP setup time
tWPS
30
ns
WP hold time
tWPH
30
ns
HOLD setup time
tHS
30
ns
HOLD hold time
tHH
30
ns
HOLD output low impedance time
tHLz
120
ns
HOLD output high impedance time
tHHz
120
ns
Write cycle time
tWC
10
ms
SCK output low impedance time
tCLZ
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com