Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB7S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EB7S
Description  Edgeboard Connectors, Single Readout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB7S Datasheet(HTML) 1 Page - Vishay Siliconix

  EB7S_09 Datasheet HTML 1Page - Vishay Siliconix EB7S_09 Datasheet HTML 2Page - Vishay Siliconix EB7S_09 Datasheet HTML 3Page - Vishay Siliconix EB7S_09 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 36004
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 16-Feb-09
11
Edgeboard Connectors, Single Readout
EB7S
Vishay Dale
ELECTRICAL SPECIFICATIONS
Current Rating: 5 A
Test Voltage Between Contacts:
At sea level: 1800 VRMS
At 70 000 feet (21 336 meters): 450 VRMS
Insulation Resistance: 5000 M
Ω minimum at 500 V
DC
potential
Contact Resistance: 30 mV maximum at rated current (with
gold plating)
Operating Temperature: - 55 °C to + 125 °C
Humidity: 96 h at 90 % relative humidity at + 40 °C, dried at
room temperature for 3 h minimum, insulation resistance
was greater than 5000 M
Ω
Durability: (With gold plating) After 500 cycles of insertion
and withdrawal of a 0.070" (1.78 mm) thick steel test
gauge, contact resistance less than 0.030 V at 5 A and
individual contact retention force when measured with 0.054"
(1.37 mm) thick steel test slug greater than ½ oz.
Shock:
Three
50G
shocks
in
each
of
3
mutually
perpendicular planes with no loss of continuity
Vibration: 2 h in each of 3 mutually perpendicular planes,
frequency sweep 10 cps to 55 cps at 0.06 double amplitude
with no loss of continuity
PHYSICAL SPECIFICATIONS
Contact Type: Bifurcated bellows
Number of Contacts: 6, 10, 12, 15, 18, and 22
Contact Spacing: 0.156" (3.96 mm) center to center
Card Thickness: 0.054" to 0.071" (1.37 mm to 1.80 mm)
Card Slot Depth: Single readout = 0.300" (7.62 mm)
Note
•
High
temperature
burn-in,
edgeboard
connectors,
0.156"
(3.96 mm) center to center are on www.vishay.com/doc?36006
FEATURES
• 0.156" (3.96 mm) C-C
• Bifurcated bellows contacts provide 2 flexing contact
surfaces to assure positive contact under adverse
conditions such as vibration or PC board irregularities
• Accepts PC board thickness of 0.054" to 0.071" (1.37 mm
to 1.80 mm)
• Polarization between contact positions in all sizes.
Between contact polarization permits polarizing without
loss of contact position
• Selective gold plating
• Polarizing key is reinforced nylon, may be inserted by
hand, requires no adhesive.
• Protected entry, provided by recessed leading edge of
contact, permits the card slot to straighten and align the
board before electrical contact is made. Prevents damage
to contact which might be caused by warped or out of
tolerance boards
• Recognized
under
the
Component
Program
of
Underwriters Laboratories, Inc. listed under file
E65524, project 77CH3889
APPLICATIONS
For use with 0.062" (1.57 mm) printed circuit boards requiring
an edgeboard type connector on 0.156" (3.96 mm) centers
MATERIAL SPECIFICATIONS
Body: (Standard) glass-filled phenolic per MIL-M-14, dark
green, flame retardant (UL 94 V-0). (Optional - see Ordering
Information)
“1” glass-filled diallyl phtalate per MIL-M-14, type SDG-F
green, flame retardant (UL 94 V-0)
“3”
thermoplastic
polyester,
glass-filled,
black,
flame
retardant (UL 94 V-0)
Contacts: Phosphor bronze
Polarizing Key: Glass reinforced nylon, flame retardant
(UL 94H-B)
Contact Plating: Gold (See Ordering Information)
ORDERING INFORMATION
EB7
1
S
A
22
SG
X
A
MODEL BODY MATERIAL
Optional body
material
1 = Diallyl
Phthalate
3 = Glass-filled
Polyester
= Omit number
for standard
pheniolic
SINGLE
READOUT
STANDARD
TERMINAL
VARIATIONS
A or B
CONTACTS
6, 10, 12,
15, 18,
or 22
CONTACT PLATING
SG = Selective gold plating
(0.00003" (0.000762 mm)
minimum thick) on contact area
with gold flash on terminal
SGF = Selective gold plating
(0.000010" (0.000254 mm)
minimum thick) on contact area
with gold flash on terminal.
All gold plating over 0.00005"
(0.00127 mm) minimum nickel
underplate.
Contact factory for additional
plating options.
MOUNTING
VARIATIONS
POLARIZING
KEY POSITIONS
Key(s) are located to
right of position(s)
designated. Required
only when polarizing
keys are to be factory
installed


Similar Part No. - EB7S_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
Edgeboard Connectors, Single Readout
14-Aug-02
More results

Similar Description - EB7S_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
Edgeboard Connectors, Single Readout
14-Aug-02
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
Edgeboard Connectors, Single Readout
14-Aug-02
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EBT156 VISHAY-EBT156 Datasheet
183Kb / 4P
Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EBT156 VISHAY-EBT156_09 Datasheet
266Kb / 4P
Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap Termination
16-Feb-09
EBT156 VISHAY-EBT156_V01 Datasheet
250Kb / 4P
Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
29-Mar-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com