Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5L60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF5L60
Description  Super Fast Recovery Rectifiers(600V 5A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF5L60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SF5L60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF5L60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF5L60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF5L60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF5L60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF5L60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SF5L60
600V 5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : FTO-220
● High voltage
● trr50ns
● Fully Isolated Molding
● Dielectric strength 2kV guaranteed
FEATURES
APPLICATION
● PFC
● Switching power supply
● Free Wheel
● CTV+B output, lighting
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=131℃
5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
100
A
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR
(Recommended torque:
0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A,
Pulse measurement
Max.1.5
V
Reverse Current
IR
VR=VRM, Pulse measurement
Max.10
μA
Reverse Recovery Time
trr
IF=0.5A,  I R=1A
Max.50
ns
Thermal Resistance
θjc
junction to case
Max.2.5
℃/W
Super Fast Recovery Rectifiers
Single


Similar Part No. - SF5L60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF5L60U SHINDENGEN-SF5L60U Datasheet
334Kb / 6P
Super Fast Recovery Rectifiers(600V 5A)
SF5L60U SHINDENGEN-SF5L60U_17 Datasheet
388Kb / 4P
Super Fast Recovery Diode
More results

Similar Description - SF5L60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D5L60 SHINDENGEN-D5L60 Datasheet
463Kb / 7P
Super Fast Recovery Rectifiers(600V 5A)
D5LC20U SHINDENGEN-D5LC20U Datasheet
438Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
D5LC20UR SHINDENGEN-D5LC20UR Datasheet
439Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
D5LC40 SHINDENGEN-D5LC40 Datasheet
450Kb / 7P
Super Fast Recovery Rectifiers(400V 5A)
D5LD20U SHINDENGEN-D5LD20U Datasheet
439Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
DE5LC20U SHINDENGEN-DE5LC20U Datasheet
474Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
SF5L30 SHINDENGEN-SF5L30 Datasheet
549Kb / 6P
Super Fast Recovery Rectifiers(300V 5A)
SF5L60U SHINDENGEN-SF5L60U Datasheet
334Kb / 6P
Super Fast Recovery Rectifiers(600V 5A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
Super Fast Recovery Rectifiers(200V 5A)
SF5LC30 SHINDENGEN-SF5LC30 Datasheet
348Kb / 6P
Super Fast Recovery Rectifiers(300V 5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com