Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD435 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD435
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD435 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD435 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD435 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD435 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD433/435/437
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD433/435
0.5
VCEsat
Collector-emitter
saturation voltage
BD437
IC=2A; IB=0.2A
0.2
0.6
V
BD433/435
1.1
VBE
Base-emitter on voltage
BD437
IC=2A ; VCE=1V
1.2
V
BD433
22
BD435
32
VCEO(SUS)
Collector-emitter
sustaining voltage
BD437
IC=0.1A; IB=0
45
V
BD433
VCB=22V; IE=0
BD435
VCB=32V; IE=0
ICES
Collector cut-off current
BD437
VCB=45V; IE=0
100
μA
BD433
VCE=22V; VBE=0
BD435
VCE=32V; VBE=0
ICES
Collector cut-off current
BD437
VCE=45V; VBE=0
100
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
BD433/435
40
hFE-1
DC current gain
BD437
IC=10mA ; VCE=5V
30
130
hFE-2
DC current gain
IC=0.5A ; VCE=1V
85
140
BD433/435
50
hFE-3
DC current gain
BD437
IC=2A ; VCE=1V
40
fT
Transition frequency
IC=250mA; VCE=1V
3
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com