Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD710 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD710
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD710 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD710 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD710 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD710 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BD708 BD710 BD712
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD708
-60
BD710
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
BD712
IC=-0.1A, IB=0
-100
V
VCEsat
Collector-emitter saturation voltage
IC=-4A ,IB=-0.4A
-1.0
V
VBE
Base-emitter voltage
IC=-4A , VCE=-4V
-1.5
V
BD708
VCB=-60V, IE=0
TC=150℃
-0.1
-1.0
BD710
VCB=-80V, IE=0
TC=150℃
-0.1
-1.0
ICBO
Collector cut-off current
BD712
VCB=-100V, IE=0
TC=150℃
-0.1
-1.0
mA
BD708
VCE=-30V, IB=0
BD710
VCE=-40V, IB=0
ICEO
Collector cut-off current
BD712
VCE=-50V, IB=0
-0.1
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
hFE-1
DC current gain
IC=-0.5A ; VCE=-2V
40
120
400
hFE-2
DC current gain only for BD708
IC=-2A ; VCE=-2V
30
hFE-3
DC current gain
IC=-4A ; VCE=-4V
15
150
BD708
5
10
BD710
8
hFE-4
DC current gain
BD712
IC=-10A ; VCE=-4V
8
fT
Transition frequency
IC=-0.3A;VCE=-3V;
3
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com