Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV24250LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV24250LS
Description  Compact Portable Equipment 1-Chip FM Tuner IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV24250LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV24250LS Datasheet HTML 1Page - Sanyo Semicon Device LV24250LS Datasheet HTML 2Page - Sanyo Semicon Device LV24250LS Datasheet HTML 3Page - Sanyo Semicon Device LV24250LS Datasheet HTML 4Page - Sanyo Semicon Device LV24250LS Datasheet HTML 5Page - Sanyo Semicon Device LV24250LS Datasheet HTML 6Page - Sanyo Semicon Device LV24250LS Datasheet HTML 7Page - Sanyo Semicon Device LV24250LS Datasheet HTML 8Page - Sanyo Semicon Device LV24250LS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LV24250LS
No.A1699-2/18
Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
Analog block supply voltage
3.0
V
VDD
Digital block supply voltage
3.0
V
Operating supply voltage range
VCC op
2.6 to 3.6
V
VDD op
2.5 to 3.6
V
VIO op
Interface voltage
2.2 to 3.6
V
Note : Supply voltage VIO equal VDD, or VIO ≤ VDD & VIO ≥ 2.2 V
* Stabilize the service voltage so as not to cause the voltage change by the noise etc.
Operating Characteristics
at Ta = 25°C, VCC = 3.0V, VDD = 3.0V, Volume =15/16, Soft Mute = 1/Soft Stereo = off
with the designated test circuit
Output level set with Radio Control 1 of control register map (0Dh Bit0, Bit1,Bit5 set to ‘1’, ‘1’)
Control 2 of control register map (0Dh Bit1 set to ‘1’)
In addition, Set IF_OSC = 170kHz, IF_BW = 100% (Radio Control 1 : 0D Bit6, Bit7 set to ‘1’, ’1’)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
(in operation)
ICCA
Analog block at 60dB
μV EMF input
12
17
mA
ICCD
Digital block at 60 dB
μV EMF input
0.3
0.8
mA
Current drain
(in standby)
ICCA
Analog standby mode
3
30
μA
ICCD
Digital standby mode
3
30
μA
FM receive band
F_range
Refer to PCB mounting conditions to cover
the FM receive band of 76M to 108MHz
76
108
MHz
FM receive characteristics; MONO :
fc = 80MHz, fm = 1kHz, 22.5kHzdev. Note that Soft_mute = 1, Soft_stereo function OFF, IHF-BPF used
3dB sensitivity
-3dB LS
60dB
μV, 22.5kHzdev output standard,
-3dB input.
5
17
dB
μV
EMF
Practical sensitivity 1
QS1
Input at S/N = 30dB
De-emphasis = 75
μs, SG open display
8
16
dB
μV
EMF
Practical sensitivity 2 (Reference)
QS2
Input at S/N = 26dB
De-emphasis = 75
μs, SG terminal display
1.10
μV
Demodulation output
Vo
60dB
μV EMF, pin 19 output
80
110
160
mVrms
Channel balance
CB
60dB
μV EMF, pin 18 output/pin 19 output
-2
0
2
dB
Signal-to-noise ratio
S/N
60dB
μV EMF, pin 19 output
48
58
dB
Total harmonic distortion 1
(MONO)
THD1
60dB
μV EMF, pin 19 output, 22.5kHz dev.
0.4
1.5
%
Total harmonic distortion 2
(MONO)
THD2
60dB
μV EMF, pin 19 output, 75.0kHz dev.
1.3
3
%
Field intensity display level
FS
Reg1Dh_bit0 = OFF
Input level at which Reg02h_bit1-3 change
from 1 to 2.
3
10
20
dB
μV
EMF
Mute attenuation
Mute-Att.
60dB
μV EMF, pin 19 output
60
70
dB
FM receive characteristics ; STEREO characteristics :
fc = 80MHz, fm = 1kHz, VIN = 60dBμV EMF, Pilot = 10% (7.5kHzdev), MPX-Filter used
Separation
SEP
L-mod, pin 19 / pin 18 output
L+R signals = 30% (22.5kHz dev.)
20
35
dB
Total harmonic distortion (Main)
THD-ST1
Main-mod (for L + R input), 19 output
IHF_BPF L+R signals = 30% (22.5kHzdev.)
0.6
1.8
%
Interface block allowable operation range
at Ta = -20 to +70
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
2.5
3.6
V
Digital block input
VIH
High-level input voltage range
0.7VDD
VDD
V
VIL
Low-level input voltage range
0
0.1VDD
V
Digital block output
IOL
Output current at Low level
2.0
mA
VOL
Output voltage at Low level IOL = 2mA
0.6
V
External clock operating frequency
fclk_ext
Clock frequency for external input
32k
32.768k
20M
Hz
Note : External clock input (pin 12) allows also input of the sine wave signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com