Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESH1D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ESH1D
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH1D Datasheet(HTML) 3 Page - Vishay Siliconix

  ESH1D Datasheet HTML 1Page - Vishay Siliconix ESH1D Datasheet HTML 2Page - Vishay Siliconix ESH1D Datasheet HTML 3Page - Vishay Siliconix ESH1D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 89401
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ESH1B, ESH1C, ESH1D
Vishay General Semiconductor
New Product
Fig. 3 - Typical Reverse Leakage Characteristics
Fig. 4 - Typical Instantaneous Forward Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
T
J = 25 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
Percent of Rated Peak Reverse Voltage (%)
100
10
0.1
0.01
0.001
1
20
40
60
80
100
T
J = 175 °C
Instantaneous Forward Voltage (V)
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1
10
100
1.2
1.4
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
Reverse Voltage (V)
0.1
10
1
100
10
100
1
0.1
10
1
100
1
10
100
0.01
t - Pulse Duration (s)
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.
0.030 (0.76)
0.060 (1.52)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com