Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD743 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD743
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD743 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD743 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD743 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD743 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD743/A/B/C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD743
45
BD743A
60
BD743B
80
V(BR)CEO
Collector-emitter
breakdown voltage
BD743C
IC=30mA; IB=0
100
V
VCEsat-1
Collector-emitter saturation voltage
IC=5 A;IB=0.5 A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=15 A;IB=5 A
3.0
V
VBE -1
Base-emitter on voltage
IC=5A ; VCE=4V
1.0
V
VBE -2
Base-emitter on voltage
IC=15A ; VCE=4V
3.0
V
BD743/A
VCE=30V; IB=0
ICEO
Collector cut-off current
BD743B/C
VCE=60V; IB=0
0.1
mA
BD743
VCE=50V; VBE=0
TC=125℃
0.1
5.0
BD743A
VCE=70V; VBE=0
TC=125℃
0.1
5.0
BD743B
VCE=90V; VBE=0
TC=125℃
0.1
5.0
ICBO
Collector cut-off current
BD743C
VCE=110V; VBE=0
TC=125℃
0.1
5.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.5
mA
hFE-1
DC current gain
IC=1A ; VCE=4V
40
hFE-2
DC current gain
IC=5A ; VCE=4V
20
150
hFE-3
DC current gain
IC=15A ; VCE=4V
5
Switching times resistive load
td
Delay time
0.02
μs
tr
Rise time
0.35
μs
ts
Storage time
0.5
μs
tf
Fall time
IC=5 A;IB1=-IB2=0.5 A
VBE(off)=-4.2V; RL=6Ω
tp=20μs
0.4
μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.40
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com