| Electronic Components Datasheet Search |
|
L6926Q1 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6926Q1 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() L6926 Package mechanical data Doc ID 9302 Rev 9 11/16 6 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 5. MSOP8 mechanical data Dim. mm. Min. Typ. Max. A 1.10 A1 0 0.15 A2 0.75 0.85 0.95 b 0.22 0.40 c 0.08 0.23 D (1) 1. Dimension “D” and “E1” does not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side. 2.80 3.00 3.20 E 4.65 4.90 5.15 E1 (1) 2.80 3.00 3.10 e0.65 L 0.40 0.60 0.80 L1 0.95 L2 0.25 k0 8 ccc 0.10 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |