Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW73 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDW73
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDW73 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDW73 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW73 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
BDW73/A/B/C/D
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDW73
45
BDW73A
60
BDW73B
80
BDW73C
100
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BDW73D
IC= 30mA; IB=0
120
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 12mA
B
2.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 8A; IB= 80mA
B
4.0
V
VBE(on)
Base-Emitter On Voltage
IC= 3A; VCE= 3V
2.5
V
VECF
C-E Diode Forward Voltage
IF= 8A
3.5
V
BDW73
VCE= 30V; IB= 0
B
BDW73A
VCE= 30V; IB= 0
B
BDW73B
VCE= 40V; IB= 0
B
BDW73C
VCE= 50V; IB= 0
B
ICEO
Collector Cutoff Current
BDW73D
VCE= 60V; IB= 0
B
0.5
mA
BDW73
VCB= 45V; IE= 0
VCB= 45V; IE= 0; TJ= 150℃
0.2
5.0
BDW73A
VCB= 60V; IE= 0
VCB= 60V; IE= 0; TJ= 150℃
0.2
5.0
BDW73B
VCB= 80V; IE= 0
VCB= 80V; IE= 0; TJ= 150℃
0.2
5.0
BDW73C
VCB= 100V; IE= 0
VCB= 100V; IE= 0; TJ= 150℃
0.2
5.0
ICBO
Collector Cutoff Current
BDW73D
VCB= 120V; IE= 0
VCB= 120V; IE= 0; TJ= 150℃
0.2
5.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
2.0
mA
hFE-1
DC Current Gain
IC= 3A; VCE= 3V
750
20000
hFE-2
DC Current Gain
IC= 8A; VCE= 3V
100
Switching times
ton
Turn-on Time
1.0
μs
toff
Turn-off Time
IC= 3A; IB1= -IB2= 12mA;
VBE(off)= -3.5V, RL=10Ω
5.0
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com