Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX34C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX34C
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX34C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX34C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX34C Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDX34C Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BDX34/A/B/C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX34
-45
BDX34A
-60
BDX34B
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
BDX34C
IC=-0.1A, IB=0
-100
V
BDX34/34A
IC=-4A ,IB=-8mA
VCEsat
Collector-emitter
saturation voltage
BDX34B/34C
IC=-3A ,IB=-6mA
-2.5
V
BDX34/34A
IC=-4A ; VCE=-3V
VBE
Base-emitter on voltage
BDX34B/34C
IC=-3A ; VCE=-3V
-2.5
V
BDX34
VCB=-45V, IE=0
BDX34A
VCB=-60V, IE=0
BDX34B
VCB=-80V, IE=0
ICBO
Collector cut-off current
BDX34C
VCB=-100V, IE=0
-0.2
mA
BDX34
VCE=-22V, IB=0
BDX34A
VCE=-30V, IB=0
BDX34B
VCE=-40V, IB=0
ICEO
Collector cut-off current
BDX34C
VCE=-50V, IB=0
-0.5
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5.0
mA
BDX34/34A
IC=-4A ; VCE=-3V
hFE
DC current gain
BDX34B/34C
IC=-3A ; VCE=-3V
750
VF
Forward diode voltage
IF=-8A
-4.0
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com