Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEP30FP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FEP30FP
Description  Dual Common Cathode Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEP30FP Datasheet(HTML) 1 Page - Vishay Siliconix

  FEP30FP Datasheet HTML 1Page - Vishay Siliconix FEP30FP Datasheet HTML 2Page - Vishay Siliconix FEP30FP Datasheet HTML 3Page - Vishay Siliconix FEP30FP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88597
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 08-Apr-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Dual Common Cathode Ultrafast Rectifier
FEP30AP thru FEP30JP
Vishay General Semiconductor
FEATURES
• Glass passivated chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low thermal resistance
• High forward surge capability
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power supplies, inverters, freewheeling diodes, dc-to-dc
converters, and other power switching application.
MECHANICAL DATA
Case: TO-247AD (TO-3P)
Epoxy meets UL 94 V-0 flammability rating
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class 1A
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
30 A
VRRM
50 V to 600 V
IFSM
300 A
trr
35 ns, 50 ns
VF
0.95 V, 1.3 V, 1.5 V
TJ max.
150 °C
PIN 1
PIN 3
CASE
PIN 2
TO-247AD (TO-3P)
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FEP
30AP
FEP
30BP
FEP
30CP
FEP
30DP
FEP
30FP
FEP
30GP
FEP
30HP
FEP
30JP
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
at TC = 100 °C
IF(AV)
30
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
300
A
Operating storage and temperature range
TJ, TSTG
- 55 to + 150
°C/W


Similar Part No. - FEP30FP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FEP30FP GE-FEP30FP Datasheet
73Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Inchange Semiconductor ...
FEP30FP ISC-FEP30FP Datasheet
305Kb / 2P
Ultrafast Rectifier
logo
Thinki Semiconductor Co...
FEP30FP THINKISEMI-FEP30FP Datasheet
1Mb / 3P
30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
More results

Similar Description - FEP30FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
U10BCT VISHAY-U10BCT Datasheet
158Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
13-May-08
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-May-08
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
02-Sep-13
FEP6XT VISHAY-FEP6XT Datasheet
151Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Feb-16
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Feb-16
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Oct-13
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-Jun-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com