Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX54 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDX54
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX54 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDX54 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX54 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDX54 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
BDX54/A/B/C
DESCRIPTION
・With TO-220C package
・High DC current gain
・DARLINGTON
・Complement to type BDX53/A/B/C
APPLICATIONS
・Power linear and switching applications
・Hammer drivers,audio amplifiers
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BDX54
-45
BDX54A
-60
BDX54B
-80
VCBO
Collector-base voltage
BDX54C
Open emitter
-100
V
BDX54
-45
BDX54A
-60
BDX54B
-80
VCEO
Collector-emitter voltage
BDX54C
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current-DC
-8
A
ICM
Collector current-Pulse
-12
A
IB
Base current
-0.2
A
PC
Collector power dissipation
TC=25℃
60
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
2.08
℃/W


Similar Part No. - BDX54

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX54 MOSPEC-BDX54 Datasheet
187Kb / 4P
POWER TRANSISTORS(8A.,45-100V,60W)
logo
Power Innovations Ltd
BDX54 POINN-BDX54 Datasheet
153Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDX54 TRSYS-BDX54 Datasheet
718Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDX54 FAIRCHILD-BDX54 Datasheet
41Kb / 4P
Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Bourns Electronic Solut...
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
PNP SILICON POWER DARLINGTONS
More results

Similar Description - BDX54

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com