Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU506F Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU506F
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU506F Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU506F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU506F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU506F
DESCRIPTION
·High Voltage
·High Switching Speed
APPLICATIONS
·Designed for use in horizontal deflection circuits of color TV
receivers and in line-operated switch-mode applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage-VBE=0
1500
V
VCEO
Collector-Emitter Voltage
700
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
5
A
ICM
Collector Current-Peak
8
A
IB
B
Base Current-Continuous
3
A
IBM
Base Current-Peak
5
A
PC
Collector Power Dissipation
@ TC=25℃
20
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
6.35
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
55
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BU506F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU506F PHILIPS-BU506F Datasheet
83Kb / 12P
Silicon diffused power transistors
1997 Aug 14
logo
New Jersey Semi-Conduct...
BU506F NJSEMI-BU506F Datasheet
129Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - BU506F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com