Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA596 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BA596
Description  Silicon PIN Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BA596 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BA596 Datasheet HTML 1Page - Siemens Semiconductor Group BA596 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BA 596
Silicon PIN Diode
BA 596
Preliminary Data
q
Current-controlled RF resistor for
switching and attenuating applications.
q
Frequency range above 1 MHz
q
Designed for low IM distortion
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BA 596
Q62702-A954
white P
SOD-323
Parameter
Symbol
Values
Unit
Reverse voltage
VR
50
V
Forward current
IF
50
mA
Operating temperature range
Top
– 55 … + 125
˚C
Storage temperature range
Tstg
– 55 … + 150
Thermal Resistance
Junction - ambient
Rth JA
≤ 450
K/W
1)
For detailed information see chapter Package Outlines.


Similar Part No. - BA596

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BA596 KEXIN-BA596 Datasheet
33Kb / 1P
Silicon PIN Diode
logo
Rohm
BA5960FS ROHM-BA5960FS Datasheet
308Kb / 2P
5 Channel Driver for with Regulator
BA5961FV ROHM-BA5961FV Datasheet
96Kb / 7P
Power driver for CD player
BA5961FV ROHM-BA5961FV Datasheet
288Kb / 7P
Power Driver For CD Players
BA5961FV ROHM-BA5961FV Datasheet
86Kb / 6P
Power Driver For CD Players
More results

Similar Description - BA596

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com