Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSOT12 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GSOT12
Description  Single-Line ESD-Protection in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT12 Datasheet(HTML) 4 Page - Vishay Siliconix

  GSOT12 Datasheet HTML 1Page - Vishay Siliconix GSOT12 Datasheet HTML 2Page - Vishay Siliconix GSOT12 Datasheet HTML 3Page - Vishay Siliconix GSOT12 Datasheet HTML 4Page - Vishay Siliconix GSOT12 Datasheet HTML 5Page - Vishay Siliconix GSOT12 Datasheet HTML 6Page - Vishay Siliconix GSOT12 Datasheet HTML 7Page - Vishay Siliconix GSOT12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ESDprotection@vishay.com
Document Number: 85807
4
Rev. 2.0, 22-Jul-10
GSOT03 to GSOT36
Vishay Semiconductors
Single-Line ESD-Protection in
SOT-23
BiAs-MODE (1-line bidirectional asymmetrical protection mode)
With the GSOTxx one signal- or data-lines (L1) can be protected against voltage transients. With pin 1 connected to ground
and pin 3 connected to a signal- or data-line which has to be protected. As long as the voltage level on the data- or signal-line
is between 0 V (ground level) and the specified maximum reverse working voltage (VRWM) the protection diode between pin 1
and pin 3 offer a high isolation to the ground line. The protection device behaves like an open switch.
As soon as any positive transient voltage signal exceeds the break through voltage level of the protection diode, the diode
becomes conductive and shorts the transient current to ground. Now the protection device behaves like a closed switch. The
clamping voltage (VC) is defined by the breakthrough voltage (VBR) level plus the voltage drop at the series impedance
(resistance and inductance) of the protection device.
Any negative transient signal will be clamped accordingly. The negative transient current is flowing in the forward direction of
the protection diode. The low forward voltage (VF) clamps the negative transient close to the ground level.
Due to the different clamping levels in forward and reverse direction the GSOTxx clamping behaviour is bidirectional and
asymmetrical (BiAs).
Note
• BiAs mode (between pin 3 and pin 1)
ABSOLUTE MAXIMUM RATINGS GSOT36
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
3.5
A
Peak pulse power
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
248
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C
20422
L1
1
2
3
Ground
BiAs
ELECTRICAL CHARACTERISTICS GSOT03
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 100 μA
VRWM
3.3
-
-
V
Reverse current
at VR = 3.3 V
IR
--
100
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
44.6
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-5.7
7.5
V
at IPP = IPPM = 30 A
-
10
12.3
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 30 A
-
4.5
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
420
600
pF
at VR = 1.6 V; f = 1 MHz
-
260
-
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com