Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND017MP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TND017MP
Description  Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND017MP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TND017MP Datasheet HTML 1Page - Sanyo Semicon Device TND017MP Datasheet HTML 2Page - Sanyo Semicon Device TND017MP Datasheet HTML 3Page - Sanyo Semicon Device TND017MP Datasheet HTML 4Page - Sanyo Semicon Device TND017MP Datasheet HTML 5Page - Sanyo Semicon Device TND017MP Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TND017MP / SW
No.6481-1/6
SANYO Semiconductors
DATA SHEET
Features
•
N-channel MOSFET built in.
•
Overheat protection.
•
Overcurrent protection (Self recovery type current limiting function).
•
Overvoltage protection.
•
TND017SW incorporates two sets of circuit.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDS
60
V
Output Current
IO(DC)
1.5
A
Input Voltage
VIN
--0.3 to +10
V
TND017MP
1.0
W
Allowable Power Dissipation
PD
TND017SW Mounted on a ceramic board (1200mm2
✕0.8mm) 1unit
1.7
W
TND017SW Mounted on a ceramic board (1200mm2
✕0.8mm)
2.0
W
Operating Supply Voltage
VDS(opr)
40
V
Operating Temperature
Topr
--40 to +85
°C
Junction Temperature
Tj
Internally Limited
°C
Storage Temperature
Tstg
--55 to +150
°C
Ordering number : EN6481D
O2407 TI IM TC-00000975 / 90507 TI IM TC-00000883 / 72606IP MS IM / 12501TS TA-3183 / 42000TS (KOTO) TA-2832
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
TND017MP
TND017SW
ExPD(Excellent Power Device)
Lowside Power Switch Lamp-, Solenoid-,
and Motor-Driving Applications


Similar Part No. - TND017MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND017MP SANYO-TND017MP Datasheet
51Kb / 5P
Lowside Power Switch Lamp, Solenoid, and Motor-Driving Applications
More results

Similar Description - TND017MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND017MP SANYO-TND017MP Datasheet
51Kb / 5P
Lowside Power Switch Lamp, Solenoid, and Motor-Driving Applications
TND020F SANYO-TND020F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND022F SANYO-TND022F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND023F SANYO-TND023F Datasheet
46Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND024F SANYO-TND024F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND012NM SANYO-TND012NM Datasheet
41Kb / 4P
Lamp, solenoid, and motor-driving Applications
TND027MP SANYO-TND027MP Datasheet
33Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW Datasheet
51Kb / 6P
Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
TND027MP SANYO-TND027MP_08 Datasheet
58Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW_11 Datasheet
387Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com