Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUT54 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUT54
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUT54 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUT54 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUT54 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BUT54
DESCRIPTION
·High Voltage
·High Speed Switching
·High Power Dissipation
APPLICATIONS
·Designed for switching mode power supply and electronic
ballast applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
800
V
VCER
Collector-Emitter Voltage
RBE≤100Ω
800
V
VCEO
Collector-Emitter Voltage
430
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
8
A
ICM
Collector Current-Peak
10
A
IBM
Base Current-Peak
4
A
PC
Collector Power Dissipation
@TC=25℃
100
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.25
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BUT54

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
BUT56 ANALOGICTECH-BUT56 Datasheet
74Kb / 1P
POWER TRANSISTORS
logo
Savantic, Inc.
BUT56 SAVANTIC-BUT56 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUT56 ISC-BUT56 Datasheet
133Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUT56 SAVANTIC-BUT56 Datasheet
93Kb / 3P
Silicon NPN Power Transistors
BUT56 SAVANTIC-BUT56 Datasheet
93Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUT54

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com