Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUT56 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUT56
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUT56 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUT56 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUT56 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUT56 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUT56 BUT56A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUT56
400
V(BR)CEO
Collector-emitter
breakdown voltage
BUT56A
IC=100mA ;LC=125mH
450
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ;IC=0
6
V
VCEsat
Collector-emitter saturation voltage
IC=4A ;IB=0.8A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=4A ;IB=0.8A
2.0
V
BUT56
VCE=800V; VBE=0
Tj=150℃
1.0
2.0
ICES
Collector
cut-off current
BUT56A
VCE=1000V; VBE=0
Tj=150℃
1.0
2.0
mA
hFE-1
DC current gain
IC=1A ; VCE=5V
15
45
BUT56
IC=4A ; VCE=5V
5.5
hFE-2
DC current gain
BUT56A
IC=3A ; VCE=2V
4
fT
Transition frequency
IC=0.5A ;VCE=10V;f=1.0MHz
10
MHz
Switching times
toff
Turn-off time
4
μs
tf
Fall time
IC=4A ;IB1=-IB2=1.25A
tp=20μs
1
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com