Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUV27 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUV27
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV27 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUV27 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV27 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUV27 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUV27
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2 A ;IB=0;L=25mH
120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=50mA; IC=0
7
30
V
VCEsat-1
Collector-emitter saturation voltage
IC=4A ;IB=0.4 A
0.7
V
VCEsat-2
Collector-emitter saturation voltage
IC=8A; IB=0.8A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=8A; IB=0.8A
2
V
ICEX
Collector cut-off current
VCE =240V;VBE = -1.5 V
TC=125℃
1
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
Switching times resistive load
ton
Turn-on time
0.4
0.8
ms
ts
Storage time
0.5
1.2
μs
tf
Fall time
IC=8A;IB1=0.8A;VCC=90V
VBE = - 6V;RBB = 3.75Ω
0.12
0.25
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com