Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU024 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IRFU024
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFU024 Datasheet(HTML) 3 Page - Vishay Siliconix

  IRFU024 Datasheet HTML 1Page - Vishay Siliconix IRFU024 Datasheet HTML 2Page - Vishay Siliconix IRFU024 Datasheet HTML 3Page - Vishay Siliconix IRFU024 Datasheet HTML 4Page - Vishay Siliconix IRFU024 Datasheet HTML 5Page - Vishay Siliconix IRFU024 Datasheet HTML 6Page - Vishay Siliconix IRFU024 Datasheet HTML 7Page - Vishay Siliconix IRFU024 Datasheet HTML 8Page - Vishay Siliconix IRFU024 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 91264
www.vishay.com
S10-1122-Rev. C, 10-May-10
3
IRFR024, IRFU024, SiHFR024, SiHFU024
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com