Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS19 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAS19
Description  Silicon Switching Diodes (High-speed, high-voltage switch)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS19 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS19 Datasheet HTML 1Page - Siemens Semiconductor Group BAS19 Datasheet HTML 2Page - Siemens Semiconductor Group BAS19 Datasheet HTML 3Page - Siemens Semiconductor Group BAS19 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Silicon Switching Diodes
BAS 19
… BAS 21
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAS 19
BAS 20
BAS 21
Q62702-A95
Q62702-A113
Q62702-A79
JPs
JRs
JSs
SOT-23
Parameter
Symbol
Values
BAS 19
BAS 20
BAS 21
Unit
Reverse voltage
VR
V
Peak forward current
IFM
Forward current
IF
mA
Junction temperature
Tj
˚C
Total power dissipation, TS = 70 ˚C
Ptot
mW
Storage temperature range
Tstg
Peak reverse voltage
VRM
100
150
200
120
200
250
250
625
350
150
– 65 … + 150
Thermal Resistance
Junction - ambient2)
Rth JA
K/W
Junction - soldering point
Rth JS
≤ 300
≤ 230
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
High-speed, high-voltage switch
07.94


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLL4148 CDIL-CLL4148 Datasheet
165Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
logo
TRANSYS Electronics Lim...
LL4148 TEL-LL4148 Datasheet
92Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
LS4148 CDIL-LS4148 Datasheet
341Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
LL4148 CDIL-LL4148 Datasheet
141Kb / 4P
HIGH SPEED SILICON SWITCHING DIODES
BAV99 CDIL-BAV99 Datasheet
497Kb / 5P
SILICON PLANAR HIGH SPEED SWITCHING DIODES
logo
Central Semiconductor C...
CMKD2836 CENTRAL-CMKD2836_15 Datasheet
434Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448_15 Datasheet
499Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD7000 CENTRAL-CMKD7000_15 Datasheet
500Kb / 2P
ULTRA-HIGH SPEED SILICON SWITCHING DIODES
CMUD2836 CENTRAL-CMUD2836_15 Datasheet
480Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com